| 전자부품 데이터시트 검색엔진 |
|
L9346PD 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9346PD 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() erBCD mixed technology. The device is intended to drive valves in automotive environment. The inputs are µP compatible. Particular care has been taken to protect the device against failures, to avoid electromagnetic interferences and to of- fer extensive real time diagnostic. ABSOLUTE MAXIMUM RATINGS Symbol Parameter Conditions Value Unit VS DC Supply Voltage -2 to 32 V VSP Supply Voltage Pulse (duration <200ms) -2 to 45 V dVS dt Supply Voltage Slope 10 V/ µs VIN, EN Input Voltage I 10mA -2 to 16 V VD Diagnostic DC Output Voltage I 50mA -0.3 to 16 V VODC DC Output Voltage -0.3 to 45 V IO1, 2 DC Output Current Out 1, 2 5 A IO3, 4 DC Output Current Out 3, 4 3 A IOR1, 2 Reverse Output Current -5 A IOR3, 4 Reverse Output Current -3 A EO1, 2 Switch-off Energy for Inductive Loads tEO = 250 µs,1) 50 mJ EO3, 4 T = 5ms 30 mJ ∆VGND GND Potential Difference Tj = -40 to 150 °C ±0.3 V TjEO Juntion Temperature During Switch-off ∑t ≤ 30 min 175 °C ∑t ≤ 15 min 190 °C Tj Juntion Temperature -40 to TjDIS °C Tstg Storage Temperature -55 to 150 °C TjDIS Thermal Disable Junction Temp. Threshold 180 to 210 °C The device is ESD protected, tested according to MIL883C with ±2KV. Note 1) :tEO is the clamping time (see fig.1) PG N D OU T 1 D1 IN 4 EN GN D IN 3 D2 OU T 2 PG N D PG N D PG N D OU T4 D4 IN 1 VS NC IN 2 D3 OU T3 H e at s ink c onnec te d to pin s 1, 1 0, 11, 2 0 PIN CONNECTION DESCRIPTION (continued) L9346 2/13 |