전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9823 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L9823
상세설명  Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9823 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L9823 Datasheet HTML 4Page - STMicroelectronics L9823 Datasheet HTML 5Page - STMicroelectronics L9823 Datasheet HTML 6Page - STMicroelectronics L9823 Datasheet HTML 7Page - STMicroelectronics L9823 Datasheet HTML 8Page - STMicroelectronics L9823 Datasheet HTML 9Page - STMicroelectronics L9823 Datasheet HTML 10Page - STMicroelectronics L9823 Datasheet HTML 11Page - STMicroelectronics L9823 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
L9823
Figure 2. Pulse Diagram to Read the Outputs Status Register
Figure 3. Structure of the Outputs Status Register
CSB
SCLK
SI
SO
MSB
LSB
6
5
43
2
1
MSB
LSB
65
4
32
1
Diag0
Diag1
Diag2
Diag3
Diag4
Diag5
Diag6
Diag7
MSB
LSB
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou
Diagnostic-bit ou



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12