전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP6821 데이터시트(PDF) 7 Page - Injoinic Technology Co.,Ltd.

부품명 IP6821
상세설명  Wireless Charging Transmitter Control SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INJOINIC [Injoinic Technology Co.,Ltd.]
홈페이지  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP6821 데이터시트(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP6821 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP6821 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IP6821
V1.00
http://www.injoinic.com/
7 / 13
Copyright © 2023, Injoinic Corp.
11 Function Description
11.1 H-Bridge Driver
The IP6821 incorporates two symmetrical half-bridge driver modules to drive an external N+PMOS
H-bridge. The dead time and drive strength of the driver modules can be software configured to different
levels. During EMI EMC testing, the EMI margin can be improved by configuring the drive capability in
lower gears, thus saving external RC devices.
The IP6821 uses a 20mΩ sampling resistor for low-side sampling of the H-bridge current, and the RC
filter device for the sampled signal should be placed close to the IC to avoid noise interference.
Figure 4
H-bridge drive schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13