| 전자부품 데이터시트 검색엔진 |
|
IP6821 데이터시트(PDF) 9 Page - Injoinic Technology Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IP6821 데이터시트(HTML) 9 Page - Injoinic Technology Co.,Ltd. |
|
9 / 13 page ![]() IP6821 V1.00 http://www.injoinic.com/ 9 / 13 Copyright © 2023, Injoinic Corp. 11.5 Charging Indicator Light IP6821 supports user-defined charging indicator (need to use the PC uplink provided by the original manufacturer), import the firmware into the uplink software, configure the indicator effect on the software interface, and export the new firmware to get the desired indicator effect. Note: Only LED2 (PIN7) supports breathing light mode. The standard firmware indicator status is as follows: Charging status LED1 LED2 Power up Three alternating flashes. Standby off off Charging on off FOD off flashing Over Temperature off flashing Over/Under Voltage off flashing Charging complete off On 11.6 Firmware Upgrade The IP6821 integrates MTP ROM and supports firmware upgrade, the firmware download interface is DP/DM pin. To download the firmware, you need to use the burner provided by the original manufacturer. |