전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI3P 데이터시트(PDF) 102 Page - STMicroelectronics

부품명 STM32L4P5CEI3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P 데이터시트(HTML) 102 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 311 page
background image
-
---
--
---
--
---
A12 A12
PI0
I/O FT
-
TIM5_CH4,
OCTOSPIM_P1_IO5,
SPI2_NSS,
DCMI_D13/PSSI_D1
3, EVENTOUT
-
-
---
--
---
--
---
C11 C11
PI8
I/O FT
-
OCTOSPIM_P2_NCS
,
DCMI_D12/PSSI_D1
2, EVENTOUT
-
-
---
--
---
--
---
B11 B11
PI1
I/O FT
-
SPI2_SCK,
DCMI_D8/PSSI_D8,
EVENTOUT
-
-
---
--
---
--
---
B10 B10
PI2
I/O FT
-
TIM8_CH4,
SPI2_MISO,
DCMI_D9/PSSI_D9,
EVENTOUT
-
-
---
--
---
--
---
C10 C10
PI3
I/O FT
-
TIM8_ETR,
SPI2_MOSI,
DCMI_D10/PSSI_D1
0, EVENTOUT
-
-
---
--
---
--
---
D10 D10
PI4
I/O FT
-
TIM8_BKIN,
DCMI_D5/PSSI_D5,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More