| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI3P 데이터시트(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI3P 데이터시트(HTML) 103 Page - STMicroelectronics |
|
103 / 311 page ![]() - --- -- --- -- --- E10 E10 PI5 I/O FT - TIM8_CH1, OCTOSPIM_P2_NCS , DCMI_VSYNC/PSSI_ RDY, EVENTOUT - - --- -- --- -- --- C9 C9 PH13 I/O FT - TIM8_CH1N, CAN1_TX, EVENTOUT - - --- -- --- -- --- B9 B9 PI6 I/O FT - TIM8_CH2, OCTOSPIM_P2_CLK , DCMI_D6/PSSI_D6, EVENTOUT - 37 37 37 37 49 49 B2 B2 76 76 A10 A10 109 109 A10 A10 PA14 (JTCK/S WCLK) I/O FT (4) JTCK/SWCLK, LPTIM1_OUT, I2C1_SMBA, I2C4_SMBA, OTG_FS_SOF, SAI1_FS_B, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |