| 전자부품 데이터시트 검색엔진 |
|
WM8941GEFL/V 데이터시트(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8941GEFL/V 데이터시트(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 96 page ![]() Pre Production WM8941 w PP, Rev 3.3, December 2007 5 PIN CONFIGURATION MICBIAS AVDD AGND DCVDD DBVDD DGND ADCDAT SPKROUTP MONOOUT VBIN VBREF VBOUT VBVDD SDIN ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PACKAGE BODY TEMPERATURE WM8941GEFL/V -25 °C to +85°C 28-lead QFN (4x4x0.75mm) (Pb-free) MSL3 260oC WM8941GEFL/RV -25 °C to +85°C 28-lead QFN (4x4x0.75mm) (Pb-free, tape and reel) MSL3 260oC Note: Reel Quantity = 3,500 |