전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSG01539 데이터시트(PDF) 2 Page - Pro-Signal

부품명 PSG01539
상세설명  Jack Socket - 2.5mm Stereo
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROSIGNAL [Pro-Signal]
홈페이지  
Logo PROSIGNAL - Pro-Signal

PSG01539 데이터시트(HTML) 2 Page - Pro-Signal

  PSG01539 Datasheet HTML 1Page - Pro-Signal PSG01539 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Veena 18/4/08
18/4/08
02/5/08
Suresh
G. C
RELEASED
PSG01539
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Veena
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Jack Socket - 2.5mm Stereo
1280745_DWG
18/04/08
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
18/04/08
A
DATE:
02/05/08
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
2.5mm Stereohttp://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Spectifications:
Maximum contact resistance
: 500m
Ω.
Minimum insulation resistance
: 100M
Ω. at 500V dc.
Dielectric withstand voltage
: 500V ac for one minute.
Pin HoleLayout
Jock Bottom View
Specifications Table
Number
Description
Material
Material Thickness
Finish
Part Number
1
Earth Terminal
Pharpher Bronze
0.2
Silver Plated
PSG01539
2
Tip Spring
3
4
Ring Spring
5
Housing
PBT
-
Black Color
6
Bushing
Brass
-
Nckel Plated
Dimensions : Millimetres



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com