전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSG01539 데이터시트(PDF) 1 Page - Pro-Signal

부품명 PSG01539
상세설명  Jack Socket - 2.5mm Stereo
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROSIGNAL [Pro-Signal]
홈페이지  
Logo PROSIGNAL - Pro-Signal

PSG01539 데이터시트(HTML) 1 Page - Pro-Signal

  PSG01539 Datasheet HTML 1Page - Pro-Signal PSG01539 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Veena 18/4/08
18/4/08
02/5/08
Suresh
G. C
RELEASED
PSG01539
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Veena
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Jack Socket - 2.5mm Stereo
1280745_DWG
18/04/08
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
18/04/08
A
DATE:
02/05/08
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions : Millimetres


유사한 부품 번호 - PSG01539

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PSG01532 ETC-PSG01532 Datasheet
210Kb / 1P
Phono Plug
17/09/12 V1.0
logo
Pro-Signal
PSG01533 PROSIGNAL-PSG01533 Datasheet
49Kb / 1P
Plug - Phono, Gold
27/01/09
PSG01534 PROSIGNAL-PSG01534 Datasheet
49Kb / 1P
Plug - Phono, Gold
27/01/09
PSG01535 PROSIGNAL-PSG01535 Datasheet
49Kb / 1P
Plug - Phono, Gold
27/01/09
logo
List of Unclassifed Man...
PSG01536 ETC-PSG01536 Datasheet
268Kb / 1P
Minidin Adapter
V1.0 10/09/12
More results

유사한 설명 - PSG01539

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
logo
List of Unclassifed Man...
FC68131 ETC2-FC68131 Datasheet
188Kb / 1P
3.5mm STEREO PC JACK SOCKET
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
logo
CUI INC
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
SJ1-2503A CUI-SJ1-2503A Datasheet
24Kb / 1P
2.5mm STEREO JACK
SP-2501 CUI-SP-2501 Datasheet
31Kb / 1P
2.5mm STEREO PLUG
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
logo
Kycon, Inc.
STX2000 KYCON-STX2000 Datasheet
396Kb / 1P
2.5mm Audio Jack
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com