전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE201 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 PE201
상세설명  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

PE201 데이터시트(HTML) 6 Page - Tyco Electronics

  PE201 Datasheet HTML 1Page - Tyco Electronics PE201 Datasheet HTML 2Page - Tyco Electronics PE201 Datasheet HTML 3Page - Tyco Electronics PE201 Datasheet HTML 4Page - Tyco Electronics PE201 Datasheet HTML 5Page - Tyco Electronics PE201 Datasheet HTML 6Page - Tyco Electronics PE201 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Moulded Case Measuring Current Transformers
5
100mm
3.9"
122mm
4.8"
40mm
1.6"
160mm
6.2"
135mm
5.3"
40mm
1.6"
PE 801 Range
Case Size:
100mm wide x 40mm deep x 122mm high
3.9" wide x 1.6" deep x 4.8" high
Aperture:
80 x 10mm, 60 x 30mm, 50 x 50mm and 60mm diameter
3.1" x 0.4", 2.3" x 1.2", 1.9" x 1.9" and 2.3" diameter
Weight:
0.5Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE801
400/5
-
5
5
PE801
500/5
-
7.5
5
PE801
600/5
-
7.5
5
PE801
750/5
-
15
10
PE801
800/5
-
15
10
PE801
1000/5
-
15
10
PE801
1200/5
-
-
10
PE801
1250/5
-
15
10
PE801
1500/5
-
15
10
PE801
1600/5
-
15
10
PE801
2000/5
-
15
10
Ordering Codes
PE801-
Add suffix to depict required ratio range.
For example: PE801-400/5
PE 1001 Range
Case Size:
135mm wide x 40mm deep x 160mm high
5.3" wide x 1.6" deep x 6.2" high
Aperture:
100 x 30mm, 80 x 50mm and 85mm diameter
3.9" x 1.2", 3.1" x 1.9" and 3.3" diameter
Weight:
0.7Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE1001
400/5
-
-
5
PE1001
500/5
-
10
5
PE1001
600/5
15
10
5
PE1001
750/5
-
15
10
PE1001
800/5
-
15
10
PE1001
1000/5
-
15
15
PE1001
1200/5
-
15
15
PE1001
1250/5
-
15
15
PE1001
1500/5
-
30
15
PE1001
1600/5
-
30
15
PE1001
2000/5
-
30
15
PE1001
3000/5
-
-
30
PE1001
4000/5
-
-
30
Ordering Codes
PE1001-
Add suffix to depict required ratio range.
For example: PE1001-400/5
Dimensions
Dimensions



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com