전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE201 데이터시트(PDF) 4 Page - Tyco Electronics

부품명 PE201
상세설명  PE Range Moulded Case Current Transformers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

PE201 데이터시트(HTML) 4 Page - Tyco Electronics

  PE201 Datasheet HTML 1Page - Tyco Electronics PE201 Datasheet HTML 2Page - Tyco Electronics PE201 Datasheet HTML 3Page - Tyco Electronics PE201 Datasheet HTML 4Page - Tyco Electronics PE201 Datasheet HTML 5Page - Tyco Electronics PE201 Datasheet HTML 6Page - Tyco Electronics PE201 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Moulded Case Measuring Current Transformers
3
78mm
3.0"
32mm
1.3"
PE 301 Range
Case Size:
50mm wide x 32mm deep x 70mm high
1.9" wide x 1.3" deep x 2.7" high
Aperture:
30 x 10mm, 25 x 15mm and 20 x 20mm horizontal & vertical
1.2" x 0.4", 1" x 0.6" and 0.8" x 0.8" horizontal & vertical
Weight:
0.22Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE301
75/5
1
-
-
PE301
80/5
1
-
-
PE301
100/5
-
1
-
PE301
125/5
-
1
-
PE301
150/5
2.5
1
-
PE301
200/5
3
2.5
-
PE301
250/5
3
2.5
-
PE301
300/5
5
2.5
-
PE301
400/5
7.5
5
-
PE301
500/5
7.5
5
-
PE301
600/5
7.5
5
-
Ordering Codes
PE301-
Add suffix to depict required ratio range.
For example: PE301-75/5
PE 401 Range
Case Size:
60mm wide x 32mm deep x 78mm high
2.3" wide x 1.3" deep x 3.0" high
Aperture:
40 x 12mm and 28mm diameter
1.6" x 0.5" and 1.1" diameter
Weight:
0.3Kg
Model Type
Ratio Range
VA at
VA at
VA at
Class 3
Class 1
Class 0.5
PE401
150/5
-
2.5
-
PE401
200/5
-
2.5
-
PE401
250/5
5
2.5
-
PE401
300/5
5
2.5
-
PE401
400/5
7.5
5
-
PE401
500/5
-
7.5
5
PE401
600/5
-
7.5
5
PE401
750/5
-
7.5
5
PE401
800/5
-
7.5
5
Ordering Codes
PE401-
Add suffix to depict required ratio range.
For example: PE401-150/5
Dimensions
Dimensions
70mm
2.7"
32mm
1.3"
50mm
1.9"
60mm
2.3"



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com