전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX591 데이터시트(PDF) 18 Page - Texas Instruments

부품명 OPAX591
상세설명  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX591 데이터시트(HTML) 18 Page - Texas Instruments

Back Button OPAX591 Datasheet HTML 14Page - Texas Instruments OPAX591 Datasheet HTML 15Page - Texas Instruments OPAX591 Datasheet HTML 16Page - Texas Instruments OPAX591 Datasheet HTML 17Page - Texas Instruments OPAX591 Datasheet HTML 18Page - Texas Instruments OPAX591 Datasheet HTML 19Page - Texas Instruments OPAX591 Datasheet HTML 20Page - Texas Instruments OPAX591 Datasheet HTML 21Page - Texas Instruments OPAX591 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
In a quiescent state, PD is given by the product of the power supply and the quiescent current of the op
amp. Equation 6 shows the calculation of TJ for the OPAx591 assuming an 85V power supply is used and an
operating temperature of 25°C.
TJ= 85V ×490μA ×165.4°CW+25°C
(6)
TJ=31.89°C
(7)
The low power consumption of the OPAx591 causes minimal self-heating even in a small SOT23-5 package as
given by Equation 7. In a loaded condition, PD is equal to addition of the quiescent power, PDQ and the power
dissipated by the output stage, PDL. The worst-case condition is given when the output voltage is equal to ½
of either supply rail (assuming symmetrical supplies, V+ and V-). In a worst-case condition, PDL is given by
Equation 8.
PDL= V+ 24×RL
(8)
For example, assume the OPAx591 is powered with bipolar ±42.5V power supplies and drives a 5kΩ load, RL, to
ground. The maximum increase in TJ is expected to be about 22°C as given by Equation 9. In this example, to
keep the op amp within the Absolute Maximum Ratings, operate in TA well under 128°C to account for different
factors. The calculation for a 5kΩ load is depicted visually in Figure 7-9.
∆TJ= 41.7mW+90.3mW ×165.4°CW
(9)
For high-voltage amplifiers such as the OPAx591, the junction temperature can easily be tens of degrees
higher than the ambient temperature in a quiescent (unloaded) condition. As shown by Equation 5, the junction
temperature depends on the thermal properties of the package, as expressed by the junction-to-ambient thermal
resistance (RϴJA). If the device then begins to drive a heavy load, the junction temperature can rise and trip
the thermal-shutdown circuit. Figure 7-9 shows the maximum output voltage versus ambient temperature to
avoid exceeding the Absolute Maximum Ratings in both loaded and unloaded conditions for the SOT23-5
package version of the OPA591. The curve assumes a typical quiescent current and does not account for any
temperature variation of quiescent current.
Ambient Temperature ( C)
85
95
105
115
125
135
145
0
10
20
30
40
50
60
70
80
90
100
Unloaded
Loaded (2k )
Loaded (10k )
Figure 7-9. OPA591 (SOT23-5) Thermal Safe
Operating Area
Temperature ( C)
65
75
85
95
105
115
125
135
145
0
10
20
30
40
50
60
70
80
90
100
Unloaded
Loaded (10k )
Loaded (2k )
Figure 7-10. OPA2591 (VSSOP-8) Thermal Safe
Operating Area
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com