전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX591 데이터시트(PDF) 14 Page - Texas Instruments

부품명 OPAX591
상세설명  OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX591 데이터시트(HTML) 14 Page - Texas Instruments

Back Button OPAX591 Datasheet HTML 10Page - Texas Instruments OPAX591 Datasheet HTML 11Page - Texas Instruments OPAX591 Datasheet HTML 12Page - Texas Instruments OPAX591 Datasheet HTML 13Page - Texas Instruments OPAX591 Datasheet HTML 14Page - Texas Instruments OPAX591 Datasheet HTML 15Page - Texas Instruments OPAX591 Datasheet HTML 16Page - Texas Instruments OPAX591 Datasheet HTML 17Page - Texas Instruments OPAX591 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
VOUT= VIN+−VIN− 1+2RFRG RG2RIN2 +VREF
(4)
This application uses the RES31A matched resistor chip from Texas Instruments. The resistors provide excellent
matching and temperature drift when compared to discrete 0.1% resistors. Resistor matching is critical to
achieving high common-mode rejection and low gain error. Figure 7-1 shows the final circuit. The circuit results
are shown in Figure 7-4, Figure 7-5. Note that the error is a simulated result at room temperature with typical dc
error values and worst case resistor matching values. Room temperature calibration is recommended to achieve
higher accuracy measurements.
To simplify this circuit further, the OPAx591 can be used to gain and buffer a readily available monolithic
difference amplifier, like INA132. The OPAx591 provide high gain and high input impedance necessary to
measure small current values.
+
–
V
IN
V
OUT
R
+
–
V
IN+
R
+
–
R
R
INA592
V+
V+
V++
OPAx591
V
REF
OPAx591
R
G
R
F
R
F
Figure 7-3. OPA591 Buffer for INA132
7.2.1.3 Application Curves
Current ( A)
0
0.02
0.04
0.06
0.08
0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 7-4. Voltage Across Shunt Resistor
Current ( A)
0
0
0.02
0.4
0.04
0.8
0.06
1.2
0.08
1.6
0.1
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Shunt Voltage
Percent Error
Figure 7-5. Output Voltage and Error
OPA591, OPA2591
SBOSA47 – FEBRUARY 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA591 OPA2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com