| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEI3 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEI3 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 198 page ![]() Pinouts and pin description STM32L462CE STM32L462RE STM32L462VE 60/198 DocID029969 Rev 1 ---- 38 M7 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, SAI1_SD_B, EVENTOUT - ---- 39 L7 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, SAI1_SCK_B, EVENTOUT - ---- 40 M8 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, SAI1_FS_B, EVENTOUT - ---- 41 L8 PE10 I/O FT - TIM1_CH2N, TSC_G5_IO1, QUADSPI_CLK, SAI1_MCLK_B, EVENTOUT - ---- 42 M9 PE11 I/O FT - TIM1_CH2, TSC_G5_IO2, QUADSPI_BK1_NCS, EVENTOUT - ---- 43 L9 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, QUADSPI_BK1_IO0, EVENTOUT - ---- 44 M10 PE13 I/O FT - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, QUADSPI_BK1_IO1, EVENTOUT - ---- 45 M11 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, TIM1_BKIN2_COMP2, SPI1_MISO, QUADSPI_BK1_IO2, EVENTOUT - ---- 46 M12 PE15 I/O FT - TIM1_BKIN, TIM1_BKIN_COMP1, SPI1_MOSI, QUADSPI_BK1_IO3, EVENTOUT - 21 H4 29 G7 47 L10 PB10 I/O FT_f - TIM2_CH3, I2C4_SCL, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, COMP1_OUT, SAI1_SCK_A, EVENTOUT - Table 13. STM32L462xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |