전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L462CEI3 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32L462CEI3
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 512KB Flash, 160KB SRAM, analog, audio, AES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L462CEI3 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32L462CEI3 Datasheet HTML 1Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 2Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 3Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 4Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 5Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 6Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 7Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 8Page - STMicroelectronics STM32L462CEI3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 198 page
background image
Contents
STM32L462CE STM32L462RE STM32L462VE
4/198
DocID029969 Rev 1
3.17
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.18
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.19
Operational amplifier (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.20
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.21
Digital filter for Sigma-Delta Modulators (DFSDM) . . . . . . . . . . . . . . . . . . 38
3.22
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.23
Advanced encryption standard hardware accelerator (AES) . . . . . . . . . . 40
3.24
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.24.1
Advanced-control timer (TIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.24.2
General-purpose timers (TIM2, TIM3, TIM15, TIM16) . . . . . . . . . . . . . . 42
3.24.3
Basic timer (TIM6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.24.4
Low-power timer (LPTIM1 and LPTIM2) . . . . . . . . . . . . . . . . . . . . . . . . 42
3.24.5
Infrared interface (IRTIM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24.6
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24.7
System window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.24.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.25
Real-time clock (RTC) and backup registers . . . . . . . . . . . . . . . . . . . . . . 44
3.26
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.27
Universal synchronous/asynchronous receiver transmitter (USART) . . . 46
3.28
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 47
3.29
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.30
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.31
Controller area network (CAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.32
Secure digital input/output and MultiMediaCards Interface (SDMMC) . . . 49
3.33
Universal serial bus (USB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.34
Clock recovery system (CRS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.35
Quad SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.36
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.36.1
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.36.2
Embedded Trace Macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
4
Pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
5
Memory mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More