| 전자부품 데이터시트 검색엔진 |
|
STM32L462CEI3 데이터시트(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L462CEI3 데이터시트(HTML) 190 Page - STMicroelectronics |
|
190 / 198 page ![]() Package information STM32L462CE STM32L462RE STM32L462VE 190/198 DocID029969 Rev 1 7.6 UFQFPN48 package information Figure 54. UFQFPN48 - 48-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat package outline 1. Drawing is not to scale. 2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life. 3. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and solder this back-side pad to PCB ground. |