전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P10-AVMP3T/X 데이터시트(PDF) 46 Page - Numonyx B.V

부품명 M25P10-AVMP3T/X
상세설명  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP3T/X 데이터시트(HTML) 46 Page - Numonyx B.V

Back Button M25P10-AVMP3T/X Datasheet HTML 42Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 43Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 44Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 45Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 46Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 47Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 48Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 49Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Package mechanical
M25P10-A
46/51
Figure 27.
VFQFPN8 (MLP8) 8-lead very thin fine pitch quad flat package no lead,
package outline
1.
Drawing is not to scale.
2.
The circle in the top view of the package indicates the position of pin 1.
Table 22.
VFQFPN8 (MLP8) 8-lead very thin fine pitch quad flat package no lead,
package mechanical data
Symbol
millimeter
inches
Typ
Min
Max
Typ
Min
Max
A
0.85
1.00
0.033
0.039
A1
0.00
0.05
0.000
0.002
A2
0.65
0.026
A3
0.20
0.008
b
0.40
0.35
0.48
0.016
0.014
0.019
D
6.00
0.236
D1
5.75
0.226
D2
3.40
3.20
3.60
0.134
0.126
0.142
E
5.00
0.197
E1
4.75
0.187
E2
4.00
3.80
4.20
0.157
0.150
0.165
e
1.27
0.050
L
0.60
0.50
0.75
0.024
0.020
0.029
θ
12°
12°
D
E
VFQFPN-01
A2
A
A3
A1
E1
D1
e
E2
D2
L
b
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com