전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P10-AVMP3T/X 데이터시트(PDF) 31 Page - Numonyx B.V

부품명 M25P10-AVMP3T/X
상세설명  1 Mbit, serial Flash memory, 50 MHz SPI bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P10-AVMP3T/X 데이터시트(HTML) 31 Page - Numonyx B.V

Back Button M25P10-AVMP3T/X Datasheet HTML 27Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 28Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 29Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 30Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 31Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 32Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 33Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 34Page - Numonyx B.V M25P10-AVMP3T/X Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
M25P10-A
Instructions
31/51
6.12
Release from Deep Power-down and Read Electronic
Signature (RES)
To take the device out of Deep Power-down mode, the Release from Deep Power-down and
Read Electronic Signature (RES) instruction must be issued. No other instruction must be
issued while the device is in Deep Power-down mode.
The instruction can also be used to read, on Serial Data output (Q), the 8-bit electronic
signature, whose value for the M25P10-A is 10h.
Except while an Erase, Program or Write Status Register cycle is in progress, the Release
from Deep Power-down and Read Electronic Signature (RES) instruction always provides
access to the 8-bit electronic signature of the device, and can be applied even if the Deep
Power-down mode has not been entered.
Any release from Deep Power-down and Read Electronic Signature (RES) instruction while
an Erase, Program or Write Status Register cycle is in progress, is not decoded, and has no
effect on the cycle that is in progress.
The device is first selected by driving Chip Select (S) Low. The instruction code is followed
by 3 dummy bytes, each bit being latched-in on Serial Data input (D) during the rising edge
of Serial Clock (C). Then, the 8-bit electronic signature, stored in the memory, is shifted out
on Serial Data output (Q), each bit being shifted out during the falling edge of Serial Clock
(C).
The instruction sequence is shown in Figure 18.
The Release from Deep Power-down and Read Electronic Signature (RES) instruction is
terminated by driving Chip Select (S) High after the electronic signature has been read at
least once. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is
driven Low, cause the electronic signature to be output repeatedly.
When Chip Select (S) is driven High, the device is put in the Standby Power mode. If the
device was not previously in the Deep Power-down mode, the transition to the Standby
Power mode is immediate. If the device was previously in the Deep Power-down mode,
though, the transition to the Standby Power mode is delayed by tRES2, and Chip Select (S)
must remain High for at least tRES2(max), as specified in Table 18. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute
instructions.
Driving Chip Select (S) High after the 8-bit instruction byte has been received by the device,
but before the whole of the 8-bit electronic signature has been transmitted for the first time
(as shown in Figure 19), still ensures that the device is put into Standby Power mode. If the
device was not previously in the Deep Power-down mode, the transition to the Standby
Power mode is immediate. If the device was previously in the Deep Power-down mode,
though, the transition to the Standby Power mode is delayed by tRES1, and Chip Select (S)
must remain High for at least tRES1(max), as specified in Table 18. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com