전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F87X 데이터시트(PDF) 44 Page - Microchip Technology

부품명 PIC16F87X
상세설명  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X 데이터시트(HTML) 44 Page - Microchip Technology

Back Button PIC16F87X Datasheet HTML 40Page - Microchip Technology PIC16F87X Datasheet HTML 41Page - Microchip Technology PIC16F87X Datasheet HTML 42Page - Microchip Technology PIC16F87X Datasheet HTML 43Page - Microchip Technology PIC16F87X Datasheet HTML 44Page - Microchip Technology PIC16F87X Datasheet HTML 45Page - Microchip Technology PIC16F87X Datasheet HTML 46Page - Microchip Technology PIC16F87X Datasheet HTML 47Page - Microchip Technology PIC16F87X Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 200 page
background image
PIC16F87X
DS30292A-page 44
Preliminary
© 1998 Microchip Technology Inc.
4.5
Reading the FLASH Program Memory
A program memory location may be read by writing two
bytes of the address to the EEADR and EEADRH reg-
isters, set the EEPGD control bit (EECON1<7>) and
then set control bit RD (EECON1<0>). Once the read
control bit is set, the microcontroller will use the second
instruction cycle to read the data. This causes the sec-
ond
instruction
immediately
following
the
“BSF
EECON1,RD
” instruction to be ignored. The data is
available, in the third cycle, in the EEDATA and
EEDATH registers; therefore it can be read as two
bytes in the following instructions. The data can be read
out of EEDATH:EEDATA starting with the third instruc-
tion cycle after the BSF EECON1,RD instruction. The
EEDATA and EEDATH registers will hold this value until
another read operation or until it is written to by the user
(during a write operation).
EXAMPLE 4-3:
FLASH PROGRAM READ
BSF
STATUS, RP1
;
BCF
STATUS, RP0
; Bank 2
MOVLW
ADDRH
;
MOVWF
EEADRH
; MSByte of Program Address to read
MOVLW
ADDRL
;
MOVWF
EEADR
; LSByte of Program Address to read
BSF
STATUS, RP0
; Bank 3
BSF
EECON1, EEPGD
; Point to PROGRAM memory
BSF
EECON1, RD
; EEPROM Read
NOP
; Any instructions here are ignored as program
NOP
; memory is read in third cycle after BSF EECON1,RD
BCF
STATUS, RP0
; Bank 2
MOVF
EEDATA, W
; W = LSByte of Program EEDATA
MOVF
EEDATH, W
; W = MSByte of Program EEDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More