전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320DM643 데이터시트(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320DM643
상세설명  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 데이터시트(HTML) 47 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 43Page - Texas Instruments TMS320DM643 Datasheet HTML 44Page - Texas Instruments TMS320DM643 Datasheet HTML 45Page - Texas Instruments TMS320DM643 Datasheet HTML 46Page - Texas Instruments TMS320DM643 Datasheet HTML 47Page - Texas Instruments TMS320DM643 Datasheet HTML 48Page - Texas Instruments TMS320DM643 Datasheet HTML 49Page - Texas Instruments TMS320DM643 Datasheet HTML 50Page - Texas Instruments TMS320DM643 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 162 page
background image
www.ti.com
DM64x DSP:
643
642
641
640
PREFIX
DEVICE SPEED RANGE
TMS 320 DM643 GDK
500
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
SMX= Experimental device, MIL
SMJ = MIL-PRF-38535, QML
SM = High Rel (non-38535)
DEVICE FAMILY
320 = TMS320t DSP family
PACKAGE TYPE(A)(B)
GDK = 548-pin plastic BGA
GNZ = 548-pin plastic BGA
ZDK = 548-pin plastic BGA, with Pb-free soldered balls
ZNZ = 548-pin plastic BGA, with Pb-free soldered balls
DEVICE(C)
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)
(
)
Blank = 0
°C to 90°C, commercial temperature
500 (500-MHz CPU, 100-MHz EMIF
600 (600-MHz CPU, 133-MHz EMIF
A. BGA = Ball Grid Array
B. The ZDK and ZNZ mechanical package designators represent the version of the GDK and GLZ packages, respectively, with Pb-free
balls. For more detailed information, see the Mechanical Data section of this document.
C. For actual device part numbers (P/Ns) and ordering information, see the TI website (www.ti.com).
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, GDK), the temperature range (for example, “blank” is the default commercial
temperature range), and the device speed range in megahertz (for example, 500 is 500 MHz). Figure 2-15
provides a legend for reading the complete device name for any TMS320C6000™ DSP platform member.
The ZDK package, like the GDK package, is a 548-ball plastic BGA only with Pb-free balls. The ZNZ is the
Pb-free package version of the GNZ package.
For device part numbers and further ordering information for TMS320DM643 in the GDK, GNZ, ZDK, and
ZNZ package types, see the TI website (http://www.ti.com) or contact your TI sales representative.
Figure 2-15. TMS320DM64x™ DSP Device Nomenclature (Including the TMS320DM643 Device)
Submit Documentation Feedback
Device Overview
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com