전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P02BDF 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P02BDF
상세설명  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P02BDF 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P02BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P02BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP50P02BDF
-20V P-Channel Enhancement Mode MOSFET
AP50P02BDF REV1.0
永源微電子科技有限公司
Description
The AP50P02BDF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -20V ID =-50A
RDS(ON) < 8.5mΩ @ VGS=4.5V (Type:6.3mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P02BDF
AP50P02BDF
PDFN3*3-8L
XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID@TC=25℃
Continuous Drain Current, VGS @ -4.5V1
-50
A
ID@TC=70℃
Continuous Drain Current, VGS @ -4.5V1
-36
A
IDM
Pulsed Drain Current2
-240
A
PD@TC=25℃
Total Power Dissipation3
70
W
PD@TC=70℃
Total Power Dissipation3
3.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.1
℃
/W


유사한 부품 번호 - AP50P02BDF

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P02CDF APME-AP50P02CDF Datasheet
485Kb / 5P
-20V P-Channel Enhancement Mode MOSFET
REV1.0
AP50P02D APME-AP50P02D Datasheet
1Mb / 7P
-20V P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - AP50P02BDF

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com