전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P02D 데이터시트(PDF) 2 Page - A POWER MICROELECTRONICS

부품명 AP50P02D
상세설명  -20V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P02D 데이터시트(HTML) 2 Page - A POWER MICROELECTRONICS

  AP50P02D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P02D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP50P02D
-20V P-Channel Enhancement Mode MOSFET
AP50P02D RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source breakdown voltage
VGS = 0V, ID = 250μA
-20
-24
—
V
RDS(on)
Static Drain-to-Source on-resistance
VGS =-4.5V, ID =-10A
—
10
15
mΩ
VGS =-2.5V, ID =-8.9A
—
12
16
VGS =-1.8V, ID =-4.5A
—
17
21
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250μA
-0.4
0.6
-1
V
IDSS
Drain-to-Source leakage current
VDS = -12V,VGS = 0V
—
—
-1
μA
IGSS
Gate-to-Source forward leakage
VGS = 8V
—
—
100
nA
VGS = -8V
—
—
-100
gFS
Forward Transconductance
VDS = -5V, ID =-10A
-3
—
—
S
Qg
Total gate charge
ID = -10A,
VDD=-6V,
VGS = -4.5V
—
21
—
nC
Qgs
Gate-to-Source charge
—
2.5
—
Qgd
Gate-to-Drain("Miller") charge
—
6
—
td(on)
Turn-on delay time
VGS=-4.5V,
VDD=-6V,
ID = -10A,
RGEN=6Ω
—
30
—
ns
tr
Rise time
—
48
—
td(off)
Turn-Off delay time
—
97
—
tf
Fall time
—
65
—
Ciss
Input capacitance
VGS = 0V VDS = -6V ƒ =
1MHz
—
2138
—
pF
Coss
Output capacitance
—
273
—
Crss
Reverse transfer capacitance
—
236
—
IS
Continuous Source Current (Body Diode)
MOSFET symbol showing
the integral reverse p-n
junction diode.
—
—
-30
A
ISM
Pulsed Source Current (Body Diode)
—
—
-90
A
VSD
Diode Forward Voltage
IS=-2A, VGS=0V
—
-0.77
-1.2
V
trr
Reverse Recovery Time
TJ = 25°C, IF =-10A, di/dt =
100A/μs
—
16
—
ns
Qrr
Reverse Recovery Charge
—
5.9
—
uC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com