전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P04P 데이터시트(PDF) 7 Page - A POWER MICROELECTRONICS

부품명 AP50P04P
상세설명  -40V P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P04P 데이터시트(HTML) 7 Page - A POWER MICROELECTRONICS

  AP50P04P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 8Page - A POWER MICROELECTRONICS AP50P04P Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP50P04FIPIT
-40V P-Channel Enhancement Mode MOSFET
AP50P04F/P/T REV1.1
永源微電子科技有限公司
Package Mechanical Data:TO-263C-3L
Symbol
Dim in mm
Min
Typ
Max
A
4.37
4.57
4.77
A1
0
0.25
A2
1.22
1.27
1.42
A3
2.49
2.69
2.89
b
0.7
0.81
0.96
b1
1.17
1.27
1.47
c
0.3
0.38
0.53
D
9.86
10.16
10.36
D1
8.4REF
D2
7.073REF
E
8.5
8.7
8.9
E1
1.07
1.27
1.47
e
2.54BSC
L
17.7
15.1
15.5
L1
1.4
1.55
1.7
L2
2
2.3
2.6
H
6
6.5
6.85
Q
2.6
2.8
3
ϕ
3.4
3.6
3.8



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com