전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P06D 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P06D
상세설명  -60V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P06D 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P06D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P06D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP50P06D
-60V P-Channel Enhancement Mode MOSFET
AP50P06D RVE 1.0
永源微電子科技有限公司
Description
The AP50P06D uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -60V ID =-58A
RDS(ON) < 16mΩ @ VGS=-10V (Type:12mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P06D
TO252-3L
AP50P06D XXX YYYY
2500
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-58
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-49
A
IDM
Pulsed Drain Current2
-250
A
EAS
Single Pulse Avalanche Energy3
450
mJ
IAS
Avalanche Current
41
A
PD@TC=25℃
Total Power Dissipation4
114
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
1.1
℃
/W
RθJC
Thermal Resistance Junction-Case1
62.5
℃
/W


유사한 부품 번호 - AP50P06D

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P06P APME-AP50P06P Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
AP50P06PT APME-AP50P06PT Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
AP50P06T APME-AP50P06T Datasheet
1Mb / 8P
-60V P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - AP50P06D

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com