전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P06PT 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P06PT
상세설명  -60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P06PT 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P06PT Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P06PT Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP50P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP50P06P/T RVE 1.0
永源微電子科技有限公司
Description
The AP50P06P/T uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -60V ID =-58A
RDS(ON) < 16mΩ @ VGS=-10V (Type:12mΩ)
Application
Lithium battery protection
Wireless impact
Mobile phone fast charging
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P06P
TO-220-3L
AP50P06P XXX YYYY
1000
TO-263-
AP50P06T
3L
AP50P06T XXX YYYY
800
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V1
-58
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V1
-49
A
IDM
Pulsed Drain Current2
-250
A
EAS
Single Pulse Avalanche Energy3
450
mJ
IAS
Avalanche Current
41
A
PD@TC=25℃
Total Power Dissipation4
114
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
1.1
℃
/W
RθJC
Thermal Resistance Junction-Case1
62.5
℃
/W


유사한 부품 번호 - AP50P06PT

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P06D APME-AP50P06D Datasheet
812Kb / 7P
-60V P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - AP50P06PT

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com