전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P06P 데이터시트(PDF) 2 Page - A POWER MICROELECTRONICS

부품명 AP50P06P
상세설명  -60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P06P 데이터시트(HTML) 2 Page - A POWER MICROELECTRONICS

  AP50P06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP50P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP50P06P/T RVE 1.0
永源微電子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250μA
-60
-68
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250μA
-1.2
-1.8
-2.5
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±20V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-60V, VGS=0V
-1
μA
RDS(ON)
Drain-Source On-State Resistancea
VGS=-10V, ID= -20A
12
16
mΩ
VGS=-4.5V, ID= -10A
15
18
VSD
Diode Forward Voltage
IS=-17A, VGS=0V
-0.9
-1.2
V
Qg
Total Gate Charge(10V)
VDS=-30V, VGS=-10V, ID=-50A
94
nC
Qg
Total Gate Charge(4.5V)
VDS=-30V, VGS=-4.5V, ID=-50A
46
Qgs
Gate-Source Charge
18
Qgd
Gate-Drain Charge
24
Ciss
Input capacitance
VDS=-15V, VGS=0V, F=1MHz
4707
pF
Coss
Output Capacitance
373
Crss
Reverse Transfer Capacitance
336
td(on)
Turn-On Delay Time
VDS=-30V, RL =30Ω
VGEN=-10V, RG=6Ω
53
ns
tr
Turn-On Rise Time
19
td(off)
Turn-Off Delay Time
221
tf
Turn-Off Fall Time
61
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =-48V,VGS =-10V,L=0.1mH,IAS =-41A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com