전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P06P 데이터시트(PDF) 6 Page - A POWER MICROELECTRONICS

부품명 AP50P06P
상세설명  -60V P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P06P 데이터시트(HTML) 6 Page - A POWER MICROELECTRONICS

  AP50P06P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP50P06P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP50P06PIT
-60V P-Channel Enhancement Mode MOSFET
AP50P06P/T RVE 1.0
永源微電子科技有限公司
Package Mechanical Data-TO-263-3L-SLK
Symbol
Common
mm
Mim
Nom
Max
A
4.35
4.47
4.60
A1
0.09
0.10
0.11
A2
2.30
2.40
2.70
b
0.70
0.80
1.00
b2
1.25
1.36
1.50
C
0.45
0.50
0.65
C1
1.29
1.30
9.40
D
9.10
9.20
9.30
D1
7.90
8.00
8.10
E
9.85
10.00
10.20
E1
7.90
8.00
8.10
H
15.30
15.50
15.70
e
-
2.54
-
L
2.34
2.54
2.74
L1
1.00
1.10
1.20
L2
1.30
1.40
1.50
R
0.24
0.25
0.26
θ
0°
4°
8°
Θ1
4°
7°
10°
Θ2
0°
3°
6°



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com