전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP50P10NF 데이터시트(PDF) 1 Page - A POWER MICROELECTRONICS

부품명 AP50P10NF
상세설명  -100V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APME [A POWER MICROELECTRONICS]
홈페이지  
Logo APME - A POWER MICROELECTRONICS

AP50P10NF 데이터시트(HTML) 1 Page - A POWER MICROELECTRONICS

  AP50P10NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP50P10NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-100V P-Channel Enhancement Mode MOSFET
AP50P10NF RVE1.0
永源微電子科技有限公司
Description
The AP50P10NF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -100V ID =-50A
RDS(ON) < 52mΩ @ VGS=10V (Type:40mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP50P10NF
PDFN5*6-8L
AP50P10NF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-50
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-28
A
IDM
Pulsed Drain Current2
-150
A
EAS
Single Pulse Avalanche Energy3
87
mJ
IAS
Avalanche Current
-35
A
PD@TC=25℃
Total Power Dissipation4
140
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
1.1
℃
/W
AP50P10NF


유사한 부품 번호 - AP50P10NF

제조업체부품명데이터시트상세설명
logo
A POWER MICROELECTRONIC...
AP50P10D APME-AP50P10D Datasheet
1Mb / 7P
-100V P-Channel Enhancement Mode MOSFET
AP50P10P APME-AP50P10P Datasheet
1Mb / 7P
-100V P-Channel Enhancement Mode MOSFET
AP50P10PT APME-AP50P10PT Datasheet
1Mb / 7P
-100V P-Channel Enhancement Mode MOSFET
AP50P10T APME-AP50P10T Datasheet
1Mb / 7P
-100V P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - AP50P10NF

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com