| 전자부품 데이터시트 검색엔진 |
|
M28010-15RKA1T 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28010-15RKA1T 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 23 page ![]() 21/23 M28010 Table 13. TSOP32 - 32 lead Plastic Thin Small Outline, 8 x 20mm, Package Mechanical Data Symbol mm inches Typ. Min. Max. Typ. Min. Max. A 1.20 0.047 A1 0.05 0.17 0.002 0.006 A2 0.95 1.05 0.037 0.041 B 0.15 0.27 0.006 0.011 C 0.10 0.21 0.004 0.008 D 19.80 20.20 0.780 0.795 D1 18.30 18.50 0.720 0.728 E 7.90 8.10 0.311 0.319 e 0.50 – – 0.020 – – L 0.50 0.70 0.020 0.028 α 0 ° 5 ° 0 ° 5 ° N32 32 CP 0.10 0.004 Figure 20. TSOP32 (NS) Note: 1. Drawing is not to scale. TSOP-a D1 E 1N CP B e A2 A N/2 D DIE C L A1 α |