전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28010-15RKA1T 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M28010-15RKA1T
상세설명  1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28010-15RKA1T 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M28010-15RKA1T Datasheet HTML 15Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 16Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 17Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 18Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 19Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 20Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 21Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 22Page - STMicroelectronics M28010-15RKA1T Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M28010
22/23
Table 14. Revision History
Date
Description of Revision
15-Feb-2000
ICC1(max), in Read Mode DC Char table for 5V, changed from 30 µAto 50 µA.
28-Feb-2000
tDVWH(min) and tDVEH(min), in Write Mode AC Char table for 3V, changed from 50 ns to 80 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23