전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X9C102PIZ 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 X9C102PIZ
상세설명  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C102PIZ 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button X9C102PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 9Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 10Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 11Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 10 of 12
Jan 11, 2019
M8.15E
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 0, 08/09
Unless otherwise specified, tolerance : Decimal ± 0.05
The pin #1 identifier may be either a mold or mark feature.
Interlead flash or protrusions shall not exceed 0.25mm per side.
Dimension does not include interlead flash or protrusions.
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
DETAIL "A"
SIDE VIEW “A
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
A
B
4
4
0.25
A
MC
B
C
0.10 C
5
ID MARK
PIN NO.1
(0.35) x 45°
SEATING PLANE
GAUGE PLANE
0.25
(5.40)
(1.50)
4.90 ± 0.10
3.90 ± 0.10
1.27
0.43 ± 0.076
0.63 ±0.23
4° ± 4°
DETAIL "A"
0.22 ± 0.03
0.175 ± 0.075
1.45 ± 0.1
1.75 MAX
(1.27)
(0.60)
6.0 ± 0.20
Reference to JEDEC MS-012.
6.
SIDE VIEW “B”
For the most recent package outline drawing, see M8.15E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com