전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X9C102PIZ 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 X9C102PIZ
상세설명  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C102PIZ 데이터시트(HTML) 2 Page - Renesas Technology Corp

  X9C102PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 2 of 12
Jan 11, 2019
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PACKAGE
DWG. #
X9C102PZ (Notes 2, 3)
X9C102P Z
1
0 to +70
8 Ld PDIP
MDP0031
X9C102PIZ (Notes 2, 3)
X9C102P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C102SZ (Notes 1, 2)
X9C102S Z
0 to +70
8 Ld SOIC
M8.15E
X9C102SIZ (Notes 1, 2)
X9C102S ZI
-40 to +85
8 Ld SOIC
M8.15E
X9C103PZ (Notes 2, 3)
X9C103P Z
10
0 to +70
8 Ld PDIP
MDP0031
X9C103PIZ (Notes 2, 3)
X9C103P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C103SZ (Notes 1, 2)
X9C103S Z
0 to +70
8 Ld SOIC
M8.15
X9C103SIZ (Notes 1, 2)
X9C103S ZI
-40 to +85
8 Ld SOIC
M8.15
X9C503PZ (Notes 2, 3)
X9C503P Z
50
0 to +70
8 Ld PDIP
MDP0031
X9C503PIZ (Notes 2, 3)
X9C503P ZI
-40 to +85
8 Ld PDIP
MDP0031
X9C503SZ (Notes 1, 2)
X9C503S Z
0 to +70
8 Ld SOIC
M8.15E
X9C503SIZ (Notes 1, 2)
X9C503S ZI
-40 to +85
8 Ld SOIC
M8.15E
X9C104PIZ (Notes 2, 3)
X9C104P ZI
100
-40 to +85
8 Ld PDIP
MDP0031
X9C104SZ (Notes 1, 2)
X9C104S Z
0 to +70
8 Ld SOIC
M8.15E
X9C104SIZ (Notes 1, 2)
X9C104S ZI
-40 to +85
8 Ld SOIC
M8.15E
NOTES:
1. Add “T1” suffix for tape and reel. See TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12