| 전자부품 데이터시트 검색엔진 |
|
BA4 데이터시트(PDF) 2 Page - ABB |
|
|
|||||||||||||||||||||||||||||
BA4 데이터시트(HTML) 2 Page - ABB |
|
2 / 4 page ![]() Interlocks Accessories for AF09 ... AF38 3-pole Contactors VM4 VEM4 A2 A2 01NC 01NC VEM4 KM1 KM2 BB4 Mechanical interlock unit Description VM4 mechanical interlock unit for the interlocking of two AF contactors. When mounted between two contactors without additional width, the VM4 mechanical interlock unit prevents one of the contactors from closing as long as the other contactor is closed. The mechanical interlock unit includes 2 fixing clips (BB4). Ordering Details For contactors Type Order code Pack(ing) Weight pieces kg (1 pce) AF09 ... AF38 VM4 1SBN 030 105 T1000 10 0.005 Mechanical and electrical interlock set Description VEM4 mechanical and electrical interlock set for the interlocking of two AF contactors. VEM4 set includes a mechanical interlock unit VM4 with 2 fixing clips (BB4) and a VE4 electrical interlock block with A2-A2 connection. Fixing the electrical interlock block to the contactor front face connects the 2 built-in N.C. interlocking contacts with the two coils. VE4 block must be used with A2-A2 connection to respect the electrical connection diagram. Ordering Details For contactors Auxiliary contacts Type Order code Pack(ing) pieces Weight kg (1 pce) AF09 .. AF16 1 1 VEM4 1SBN 030 111 R1000 1 0.035 AF26 .. AF38 Note: VEM4 not fittable on AF..Z contactors with DC control voltage 12...20 V DC. Fixing clips Ordering Details For contactors Type Order code Pack(ing) Weight pieces kg (1 pce) AF09 ... AF38 BB4 1SBN 110 120 W1000 50 0.002 Catalogue Page 1SBC 101 146 S0201 ABB | 15 |