전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA4 데이터시트(PDF) 4 Page - ABB

부품명 BA4
상세설명  Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

BA4 데이터시트(HTML) 4 Page - ABB

  BA4 Datasheet HTML 1Page - ABB BA4 Datasheet HTML 2Page - ABB BA4 Datasheet HTML 3Page - ABB BA4 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1SBC 101 147 S0201
Other Accessories
Accessories for AF09 ... AF38 3-pole Contactors
LDC4
BX4
BX4-CA
BA4
Additional coil terminal block
Description
Additional coil terminal block for a bottom access to the coil terminals of contactors or contactor relays.
Ordering Details
For contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
AF09 ... AF38
LDC4
1SBN 070 156 T1000
10
0.010
Protective covers
Description
Sealable and transparent protective covers BX4 and non-removable BX4-CA to protect the devices against ac-
cidental contact.
Ordering Details
For contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
All 1-stack contactors
BX4
1SBN 110 108 T1000
10
0.006
For 4-pole CA4 and 2-pole CAT4 auxiliary contact
blocks
BX4-CA
1SBN 110 109 W1000
50
0.001
Function markers
Description
Box of 16 blank cards (16 markers by card) printable on HTP500 thermal transfer printer and AMS 500 marking
table to identify your contactors, overload relays or manual motor starters.
Marker dimensions: 7 x 20 mm (.276" x .787")
Ordering Details
For contactors
Type
Order code
Pack(ing) Weight
pieces
kg (1 pce)
Marker card
BA4
1SNA 235 156 R2700
16
0.011
AMS 500 support plate for 8 BA4
SPRC 1
1SNA 360 010 R1500
1
0.220
HTP500 support plate
HTP500-BA4
1SNA 235 712 R2400
1
0.290
Catalogue Page
ABB | 17



Html Pages

1 2 3 4