| 전자부품 데이터시트 검색엔진 |
|
TIP3055 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP3055 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() . March 2008 Rev 5 1/7 7 TIP2955 TIP3055 Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Complementary NPN - PNP transistors Applications ■ General purpose ■ Audio Amplifier Description The devices are manufactured in epitaxial-base planar technology and are suitable for audio, power linear and switching applications. Table 1. Device summary Figure 1. Internal schematic diagrams TO-247 1 2 3 Order code Marking Package Packaging TIP2955 TIP2955 TO-247 tube TIP3055 TIP3055 www.st.com |
유사한 부품 번호 - TIP3055 |
|
유사한 설명 - TIP3055 |