전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP3055 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TIP3055
상세설명  Complementary power transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP3055 데이터시트(HTML) 4 Page - STMicroelectronics

  TIP3055 Datasheet HTML 1Page - STMicroelectronics TIP3055 Datasheet HTML 2Page - STMicroelectronics TIP3055 Datasheet HTML 3Page - STMicroelectronics TIP3055 Datasheet HTML 4Page - STMicroelectronics TIP3055 Datasheet HTML 5Page - STMicroelectronics TIP3055 Datasheet HTML 6Page - STMicroelectronics TIP3055 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
TIP2955 - TIP3055
4/7
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7