전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LXT9782 데이터시트(PDF) 1 Page - Intel Corporation

부품명 LXT9782
상세설명  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 데이터시트(HTML) 1 Page - Intel Corporation

  LXT9782 Datasheet HTML 1Page - Intel Corporation LXT9782 Datasheet HTML 2Page - Intel Corporation LXT9782 Datasheet HTML 3Page - Intel Corporation LXT9782 Datasheet HTML 4Page - Intel Corporation LXT9782 Datasheet HTML 5Page - Intel Corporation LXT9782 Datasheet HTML 6Page - Intel Corporation LXT9782 Datasheet HTML 7Page - Intel Corporation LXT9782 Datasheet HTML 8Page - Intel Corporation LXT9782 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
LXT9762/9782
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
Datasheet
General Description
The LXT9782 is an eight-port PHY Fast Ethernet Transceiver that supports IEEE 802.3 physical
layer applications at both 10 and 100 Mbps. The LXT9762 offers the same features and
functionality in a six-port device. This data sheet uses the singular designation “LXT97x2” to
refer to both devices.
The LXT97x2 interfaces multiple Serial Media Independent Interface (SMII) compliant
controllers to 10BASE-T and/or 100BASE-TX media.
All network ports provide a combination twisted-pair (TP) or pseudo-ECL (PECL) interface for
a 10/100BASE-TX or 100BASE-FX connection.
The LXT97x2 provides three discrete LED drivers for each port, and eight global serial LED
outputs. It supports both half- and full-duplex operation at 10 and 100 Mbps and requires only a
single 3.3V power supply.
Application
s
100BASE-T, 10/100-TX, or 100BASE-FX Switches and multi-port NICs.
Product Features
s
Multiple independent IEEE 802.3-
compliant 10/100 ports with integrated
filters
s
Proprietary Optimal Signal Processing
(OSP™) design improves SNR by 3 dB
over ideal analog filters
s
Robust baseline wander correction for
improved 100BASE-TX performance
s
100BASE-FX fiber-optic capability on all
ports
s
Supports both auto-negotiation and legacy
systems without auto-negotiation capability
s
JTAG boundary scan
s
Multiple Serial MII (SMII) ports for
independent PHY port operation
s
Configurable via MDIO port or external
control pins
s
Maskable interrupts
s
Very low power consumption
(400 mW per port, typical)
s
3.3V operation
s
208-pin PQFP and 272-lead BGA
s
0-70oC ambient temperature range
As of January 15, 2001, this document replaces the Level One document
Order Number: 249039-001
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII.
January 2001


유사한 부품 번호 - LXT9782

제조업체부품명데이터시트상세설명
logo
Intel Corporation
LXT9784 INTEL-LXT9784 Datasheet
191Kb / 14P
Transceiver Hardware Integrity Function Overview
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
LXT9785 ETC2-LXT9785 Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
LXT9785E ETC2-LXT9785E Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

유사한 설명 - LXT9782

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
Three Port 10/100 Managed Ethernet Switch with MII
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com