전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LXT9782 데이터시트(PDF) 32 Page - Intel Corporation

부품명 LXT9782
상세설명  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 데이터시트(HTML) 32 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 28Page - Intel Corporation LXT9782 Datasheet HTML 29Page - Intel Corporation LXT9782 Datasheet HTML 30Page - Intel Corporation LXT9782 Datasheet HTML 31Page - Intel Corporation LXT9782 Datasheet HTML 32Page - Intel Corporation LXT9782 Datasheet HTML 33Page - Intel Corporation LXT9782 Datasheet HTML 34Page - Intel Corporation LXT9782 Datasheet HTML 35Page - Intel Corporation LXT9782 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
LXT9762/9782 — Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
32
Datasheet
2.6.4
Receive Data Stream
Receive data and control information are signalled in ten bit segments. In 100 Mbps mode each
segment contains a new byte of data. In 10 Mbps mode each segment is repeated ten times (except
for the CRS bit) and the MAC can sample any one of the ten segments.
2.6.4.1
Carrier Sense
The CRS bit (slot 0) is generated when a packet is received from the network interface. The CRS
bit is set in real time, even in 10 Mbps mode. (All other bits are repeated in 10 sequential
segments).
2.6.4.2
Receive Data Valid
The LXT97x2 asserts the RX_DV bit (slot 1) when it receives a valid packet. The assertion timing
changes depend on line operating speed:
• For 100TX and 100FX links, the RX_DV bit is asserted from the first nibble of preamble to
the last nibble of the data packet.
• For 10BT links, the entire preamble is truncated. The RX_DV bit is asserted with the first
nibble of the Start-of-Frame Delimiter (SFD) “5D” and remains asserted until the end of the
packet.
2.6.4.3
Receive Error
In 100BASE-X mode when the LXT97x2 receives an errored symbol from the network, it drives
“1110” on the associated RXD pin.
2.6.4.4
Receive Status Encoding
The LXT97x2 encodes status information onto the RXD line during IPG as listed in Table 11 on
page 33. Status bit RXD<5> indicates the validity of the upper nibble (RXD<7:4> of the last byte
of the previous frame). RXD and RX_DV are passed through the internal elasticity FIFO to
smooth any clock rate differences between the recovered clock and the 125 MHz reference clock.
Figure 15. Serial MII Transmit Synchronization
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
CLOCK
SYNC
TX
TX_EN
TX_ER
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com