| 전자부품 데이터시트 검색엔진 |
|
M58MR032-ZCT 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58MR032-ZCT 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 52 page ![]() M58MR032C, M58MR032D 42/52 Figure 17. Double Word Program and Tetra Word Program Flowchart and Pseudo code (1) Note: 1. Status check of b1 (Protected Block), b3 (VPP Invalid) and b4 (Program Error) can be made after each program operation or after a program sequence. 2. If an error is found, the Status Register must be cleared (CLRS instruction) before further P/E.C. operations. 3. Address 1 and address 2 must be consecutive addresses differing only for address bit A0. 4. Address, address 2, address 3 and address 4 must be consecutive addresses differing only for address bit A1-A0. Write 55h Command AI90035 Start Write Address 1 & Data 1 Read Status Register YES NO b7 = 1 YES NO b3 = 0 NO b4 = 0 VPP Invalid Error (1, 2) Program Error (1, 2) DPG instruction: – write 30h command – write Address 1 & Data 1 (3) – write Address 2 & Data 2 (3) (memory enters read status state after the Program instruction) do: – read status register (E or G must be toggled) if PES instruction given execute suspend program loop while b7 = 1 If b3 = 1, VPP invalid error: – error handler If b4 = 1, Program error: – error handler YES End YES NO b1 = 0 Program to Protected Block Error (1, 2) If b1 = 1, Program to protected block error: – error handler Suspend Suspend Loop NO YES Write Address 2 & Data 2 Write Address 3 & Data 3 Write Address 4 & Data 4 TPG instruction: – write 55h command – write Address 1 & Data 1 (4) – write Address 2 & Data 2 (4) – write Address 3 & Data 3 (4) – write Address 4 & Data 4 (4) (memory enters read status state after the Program instruction) |