전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58MR032-ZCT 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 M58MR032-ZCT
상세설명  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR032-ZCT 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button M58MR032-ZCT Datasheet HTML 39Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 40Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 41Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 42Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 43Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 44Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 45Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 46Page - STMicroelectronics M58MR032-ZCT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43/52
M58MR032C, M58MR032D
Figure 18. Program Suspend & Resume Flowchart and Pseudo Code
Write 70h
Command
AI90036
Read Status
Register
YES
NO
b7 = 1
YES
NO
b2 = 1
Program Continues
Write a read
Command
PES instruction:
– write B0h command
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b2 = 0 Program completed
Write D0h
Command
PER instruction:
– write D0h command to resume
the program
– if the program operation completed
then this is not necessary.
The device returns to Read Array as
normal (as if the Program/Erase
suspend was not issued).
Read data from
another address
Start
Write B0h
Command
Program Complete
Write FFh
Command
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52