전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE801QTR 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STMPE801QTR
상세설명  8-bit port expander Xpander logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE801QTR 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STMPE801QTR Datasheet HTML 16Page - STMicroelectronics STMPE801QTR Datasheet HTML 17Page - STMicroelectronics STMPE801QTR Datasheet HTML 18Page - STMicroelectronics STMPE801QTR Datasheet HTML 19Page - STMicroelectronics STMPE801QTR Datasheet HTML 20Page - STMicroelectronics STMPE801QTR Datasheet HTML 21Page - STMicroelectronics STMPE801QTR Datasheet HTML 22Page - STMicroelectronics STMPE801QTR Datasheet HTML 23Page - STMicroelectronics STMPE801QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package mechanical data
STMPE801
20/26
Figure 6.
Package dimensions
Table 17. QFN16L mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
0.45
0.55
0.60
0.020
0.022
0.024
A1
0.02
0.05
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.50
2.60
2.70
0.098
0.102
0.106
E
1.70
1.80
1.90
0.067
0.071
0.075
e
0.40
0.016
L
0.35
0.40
0.45
0.014
0.016
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26