전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LW064 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 M58LW064
상세설명  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 29Page - STMicroelectronics M58LW064 Datasheet HTML 30Page - STMicroelectronics M58LW064 Datasheet HTML 31Page - STMicroelectronics M58LW064 Datasheet HTML 32Page - STMicroelectronics M58LW064 Datasheet HTML 33Page - STMicroelectronics M58LW064 Datasheet HTML 34Page - STMicroelectronics M58LW064 Datasheet HTML 35Page - STMicroelectronics M58LW064 Datasheet HTML 36Page - STMicroelectronics M58LW064 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
33/53
M58LW064A, M58LW064B
Figure 13. Synchronous Burst Read (8.1.1.1 example)
X-Latency = 8 (M14-M11 = 0010), Y-Latency = 1 (M9 = 0), Burst Length = 1 (M2-M0 = 100),
Burst Type = Any (M7 = 0 or 1), Valid Clock Edge = Rising (M6 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53