전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6905 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6905
상세설명  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6905 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev 1.8
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 1 -
DIO6905
2 A, Synchronous, Step-Down Converter with Low 15 µA
Quiescent Current
Features
Input voltage range from 2.3 V to 5.5 V
Up to 2 A output current
Low quiescent current: 15 μA
Output adjustable from 0.6 V
1.65 MHz typical switching frequency at TJ =
25°C
EN for power sequencing
Low RDS(ON) for internal switches
(Top / Bottom): 120 mΩ / 80 mΩ
Output discharge function
100% duty cycle in drop
Hiccup for short-circuit protection (SCP)
Stable with low ESR output ceramic
capacitors
Available in SOT563 and DFN1.6*1.6-6
packages
Applications
Wireless/Networking cards
Portable and mobile devices
Battery-powered devices
Low-voltage I/O system power
Solid-state drives (SSDs)
Descriptions
The DIO6905 is a high-efficiency, 1.65 MHz
synchronous step-down DC/DC converter with
power MOSFETs integrated. It can achieve an
output current of 2 A under an input voltage of
2.3 V to 5.5 V and has good load and line
regulation. The output voltage can be adjusted
from 0.6 V.
The DIO6905 adopts the COT architecture to
achieve fast transient responses and simplifies
loop stability. In addition, it operates full
protection features including cycle-by-cycle
current limit and thermal shutdown.
The DIO6905 packaged in SOT563 and
DFN1.6*1.6-6 uses fewer external components,
enabling a cost-effective solution.
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO6905SH3
W5A
3
Green
-40 to 105°C
SOT563
Tape & Reel, 5000
DIO6905FT6
YW5A
1
Green
-40 to 105°C
DFN1.6*1.6-6
Tape & Reel, 3000


유사한 부품 번호 - DIO6905

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO6905B DIOO-DIO6905B Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BCN8 DIOO-DIO6905BCN8 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905BSH3 DIOO-DIO6905BSH3 Datasheet
2Mb / 15P
2 A, Synchronous, Step-Down Converter with Forced PWM
Rev 1.2
DIO6905C DIOO-DIO6905C Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.1
DIO6905CSH3 DIOO-DIO6905CSH3 Datasheet
1Mb / 15P
2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
Rev 1.1
More results

유사한 설명 - DIO6905

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP2141N MPS-MP2141N Datasheet
1Mb / 19P
1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
logo
Leshan Radio Company
LR8501 LRC-LR8501 Datasheet
825Kb / 11P
1.5MHz 600mA Synchronous Step-Down Converter with Low Quiescent Current
logo
Monolithic Power System...
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4433 MPS-MP4433 Datasheet
1Mb / 29P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
STMicroelectronics
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com