전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6905 데이터시트(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6905
상세설명  2 A, Synchronous, Step-Down Converter with Low 15 μA Quiescent Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6905 데이터시트(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6905 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6905 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DIO6905
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO6905 • Rev. 1.8
- 8 -
Typical Application
Detailed Description
The DIO6905 uses constant on-time control with input voltage feed-forward to stabilize the switching frequency
over its full input voltage range. It achieves 2 A of output current from a 2.3 V to 5.5 V input voltage range with
excellent load and line regulation. The output voltage can be regulated as low as 0.6 V.
Constant-on-time control
When compared to fixed-frequency PWM control, COT control offers a simpler control loop and faster transient
response. By using input voltage feed-forward, the DIO6905 maintains a nearly constant switching frequency
across the input and output voltage ranges. The switching pulse on-time can be estimated with Equation (1):
μs
0.606
*
V
V
=
tON
IN
OUT
(1)
To prevent inductor current runaway during the load transient, the DIO6905 has a fixed minimum-off-time of
60 ns.
Sleep mode operation
The DIO6905 adopts sleep mode to achieve high efficiency under extremely light load condition. In such sleep
mode, most of the circuitry is turned off, except the EA (error amplifier) and the PWM comparator, which results
in minimum operation current as shown in Figure 16.
When the loading gets lighter, and the ripple of the output voltage is bigger, the DIO6905 enters sleep mode.
Under sleep mode situation, the valley of the FB pin voltage is regulated to the internal reference voltage.
Therefore, the average output voltage is slightly higher than the output voltage in DCM or CCM. The on-time
pulse in sleep mode is around 40% larger than that in DCM or CCM mode. Figure 17 shows the average FB pin
voltage relationship with the internal reference in sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com