전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6912 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6912
상세설명  High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6912 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6912 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.6
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6912• Rev. 1.5
DIO6912
High-Efficiency 2 A Continuous, 2.5 A Peak,
24 V Input Synchronous Step-Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
130 mΩ/90 mΩ, 2.0 A DC current
4.5 ~ 24 V input voltage range
High-efficiency synchronous-mode
Internal soft start limits the inrush current
Overcurrent protection
Thermal shutdown
Green package:
SOT23-6 is pin compatible.
Applications
Portable navigation device
Set top box
Portable TV
LCD TV
Descriptions
The DIO6912 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2 A continuous output
currents. The DIO6912 operates over a wide input
voltage range from 4.5 V to 24 V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
The DIO6912 adopts the COT architecture to
achieve fast transient responses for high step
down applications and high efficiency at light
loads. In addition, it operates at pseudo-constant
frequency of 500 kHz under heavy load conditions
to minimize the size of inductor and capacitor.
Function Block
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO6912ST6
12YW
3
Green
-40 to 85°C
SOT23-6
Tape & Reel, 3000


유사한 부품 번호 - DIO6912

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO6913 DIOO-DIO6913 Datasheet
1Mb / 11P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
DIO6913TST6 DIOO-DIO6913TST6 Datasheet
1Mb / 11P
High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
Rev 1.6
More results

유사한 설명 - DIO6912

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Texas Instruments
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com