전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6912 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6912
상세설명  High-Efficiency 2 A Continuous, 2.5 A Peak, 24 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6912 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6912 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6912 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DIO6912
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO6912• Rev. 1.6
Electrical Characteristics
VIN = 12 V, VOUT = 1.2 V, L = 2.2 µH, COUT = 22 µF, TA = 25°C, IOUT = 1 A unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN(1)
Input voltage range
4.5
24
V
IQ
Quiescent current
IOUT = 0, VFB = VREF × 105%
140
µA
ISHDN
Shutdown current
EN = 0
5
10
µA
VREF
Feedback reference voltage
0.588
0.6
0.612
V
IFB(1)
FB input current
VFB = VIN
-50
50
nA
RDS(ON)1(1)
Top FET RON
130
mΩ
RDS(ON)2(1)
Bottom FET RON
90
mΩ
ILIM(1)
Bottom FET valley current limit
2.7
A
VENH
EN rising threshold
TA = -40 to 85°C
1.5
V
VENL
EN falling threshold
TA = -40 to 85°C
0.4
V
UVLOH
Under voltage lock out high
4.2
4.5
V
UVLOL
Under voltage lock out low
3.8
4
V
fSW
Switching frequency
500
kHz
tON
ON time
VIN = 12 V, VOUT = 1.2 V, IOUT = 1 A
200
ns
Min ON time(1)
50
ns
Min OFF time(1)
100
ns
tSS(1)
Soft start time
1
ms
TSD(1)
Thermal shutdown temperature
150
°C
THYS(1)
Thermal shutdown hysteresis
15
°C
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com