전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6920 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6920
상세설명  High-Efficiency 2A, 24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6920 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.7
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6920• Rev. 1.7
DIO6920
High-Efficiency 2A, 24V Input Synchronous
Step Down Converter
Features
Low RDS(ON) or internal switches (top/bottom)
120mΩ/75mΩ, 2.0A
4.5-24V input voltage range
High-Efficiency Synchronous-Mode
Internal soft start limits the inrush current
Over Current protection
Thermal shutdown
Green package:
TSOT23 -6 is pin compatible
Applications
Portable Navigation Device
Set Top Box
Portable TV
LCD TV
Descriptions
The DIO6920 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2A output currents. The
DIO6920 family operates over a wide input voltage
range from 4.5V to 24V and integrate main switch
and synchronous switch with very low RDS(ON) to
minimize the conduction loss.
DIO6920 adopts the COT architecture to achieve
fast transient responses for high step down
applications and high efficiency at light loads. In
addition, it operates at pseudo-constant frequency
of
500kHz
under
heavy
load
conditions
to
minimize the size of inductor and capacitor.
Function Block
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO6920TST6
20YW
Green
-40 to 85°C
TSOT23-6
Tape & Reel, 3000
Marking Definition
PWM Control &
Protect Logic
Input UVLO
4.5V
Internal
Power
SW
GND
Current Sense
Thermal
Protection
1.5V
0.765V
EN
FB
VIN
Bootstrap
Regulator
BS
Pin 1 Identification
20: Product code, fixed
20YW
Y: Year code
W: Week code


유사한 부품 번호 - DIO6920

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO69201 DIOO-DIO69201 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69201TST6 DIOO-DIO69201TST6 Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
DIO69209 DIOO-DIO69209 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO69209TST6 DIOO-DIO69209TST6 Datasheet
1Mb / 12P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.7
DIO6920H DIOO-DIO6920H Datasheet
1Mb / 11P
High-Efficiency 2 A, 24 V Input Synchronous Step-Down Converter
Rev 1.1
More results

유사한 설명 - DIO6920

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com