전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6920 데이터시트(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6920
상세설명  High-Efficiency 2A, 24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6920 데이터시트(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6920 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6920 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DIO6920
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6920• Rev. 1.7
Operation
DIO6920 is a synchronous buck regulator IC that integrates the COT control, top and bottom switches on the
same die to minimize the switching transition loss and conduction loss. With ultra low RDS(ON) power switches
and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest switch
frequency simultaneously to minimize the external inductor and capacitor size, and thus achieving the minimum
solution footprint.
DIO6920 provides protection functions such as cycle by cycle current limiting and thermal shutdown protection.
DIO6920 will sense the output voltage conditions for the fault protection.
Applications Information
Because of the high integration in the DIO6920 IC, the application circuit based on this regulator IC is rather
simple. Only input capacitor CIN, output capacitor COUT, output inductor L and feedback resistors (R1 and R2)
need to be selected for the targeted applications specifications.
Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light loads,
it is desirable to choose large resistance values for both R1 and R2. A value of between 10k and 1M is highly
recommended for both resistors. If VOUT is 3.3V, R1=40.2k is chosen, then R2 can be calculated to be 12k.
R2=
1
765
.
0
765
.
0
R
V
V
V
OUT
−
0.765FB
GND
R1
R2
VOUT
Input capacitor CIN
This ripple current through input capacitor is calculated as:
ICIN_RMS=IOUT
)
1
(
D
D
−
⋅
To minimize the potential noise problem, place a typical X5R or better grade ceramic capacitor really close to
the IN and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this
case, a 4.7μF low ESR ceramic capacitor is recommended.
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best
performance, it is recommended to use X5R or better grade ceramic capacitor greater than 22µF capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com