전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6922 데이터시트(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6922
상세설명  High-Efficiency 2A Continuous, 2.5A Peak,24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6922 데이터시트(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6922 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DIO6922
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6922• Rev. 1.1
Physical Dimensions: DFN2*2-6 T
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0
0.02
0.05
A3
0.20REF
b
0.25
0.30
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
0.80
-
1.10
E2
1.40
-
1.70
e
0.55
0.65
0.75
K
0.15
0.25
0.35
L
0.20
0.25
0.30
H
0.20REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com