전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6922 데이터시트(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6922
상세설명  High-Efficiency 2A Continuous, 2.5A Peak,24V Input Synchronous Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6922 데이터시트(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6922 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6922 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DIO6922
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO6922• Rev. 1.1
CONTACT US
Dioo is a professional design and sales corporation for high-quality and performance analog semiconductors. The company focuses on
industry markets, such as, cell phone, handheld products, laptop, and medical equipment and so on. Dioo’s product families include
analog signal processing and amplifying, LED drivers and charger IC. Go to http://www.dioo.com for a complete list of Dioo product
families.
For additional product information, or full datasheet, please contact with our Sales Department or Representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com